PART |
Description |
Maker |
VRS51L1050-25-L VRS51L1050-25-LG VRS51L1050-25-P V |
Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
|
Ramtron International Corporation Ramtron International Corp.
|
VRS51L2070-40-QG |
High-Performance Versa 8051 MCU
|
Ramtron International Corporation
|
VMX51C1020-14-Q-C VMX51C1020-14-QC VMX51C1020-14-Q |
Versa Mix 8051 Mixed-Signal MCU
|
Electronic Theatre Controls, Inc.
|
VRS51L550-25-L VRS51L550-25-Q-G VRS51L550-25-QG VR |
VERSA 8051 MCUS WITH 8/16KB FLASH
|
ETC[ETC]
|
VRS51L580-25-L-G VRS51L580-25-LG VRS51L580-25-P VR |
Versa 8051 MCUs with 32/64KB
|
ETC[ETC]
|
STM32F217ZGT6 STM32F215RGT6 STM32F215VG STM32F215Z |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, crypto,
|
STMicroelectronics
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
CS1E221KR CS1C330KC CS1C221MT CS1C330KR CS1E221KC |
VERSA,STRIP,PC,BD,3,1/2,X IC, MCU,FLASH, Z8F2401VN020S 24KB ROM,31IO,A/D,20MHz,44PLCC IC, MCU,FLASH, Z8F2401PM020S 24KB ROM,31IO,A/D,20MHz,40PDIP IC, MCU,FLASH, Z8F2402VS020S 24KB ROM,46IO,A/D,20MHz,68PLCC PROTOBOARD,2 3/8 X 4,FOR DIPS, 14-20 PINS,0.1 IN. CENTERS LAMP,#51,INCANDESCENT G-3-1/2,7.50V,.220A,1.00MSCP #LAMP,#46,INCANDESCENT T-3-1/4,6.30V,.250A,.90MSCP RES,ARRAY,SMT,68 OHM, /-5%, /-200ppm,CONVEX(10) DISPLAY,LCD,SERIAL,4RX20C 1200,2400,9600,19.2K,BACKLIGHT TOOL KIT,COMPUTER SERVICE,40 PCS CHOKES,AXIAL,VARNISHED,RF 24 UH,800 IDC 60 SEC 2.4-5.5V SINGLE CHIP MU <NV 芯片类型,标 CHIP TYPE, STANDARD 芯片类型,标 MOTOR,GEAR,193RPM@24VDC SHT:.24"Dx.7"L,SOLDER TAB 芯片类型,标 **POSITIVE,DEVELOPER,6,OZ. 芯片类型,标 LAMP,#1847,INCANDESCENT T-3-1/4,6.30V,.150A,.380MSCP 芯片类型,标 4-MIN 3V SINGLE CHIP VOICE REC <NV 芯片类型,标 LAMP,#7715,INCANDESCENT T-1,5.00V,.115A,.150MSCP 芯片类型,标 IC, MPU,Z180, Z8S18020PSC 20MHz, UART CSIO, 5V, 64PDIP 芯片类型,标 IC, MCU,FLASH, Z8F4802VS020S 48KB ROM,46IO,A/D,20MHz,68PLCC 芯片类型,标
|
DB Lectro Inc. DB Lectro, Inc.
|
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
STM32F745VE STM32F746VG STM32F746BE STM32F746ZG ST |
Up to 168 I/O ports with interrupt capability ARM-based Cortex-M7 32b MCU FPU, 462DMIPS, up to 1MB Flash/320 16 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
|
STMicroelectronics
|
|